Part Number Hot Search : 
50005 W503YDT TS944IDT G494SD TS944IDT ML4821 D2P6M L9653M
Product Description
Full Text Search
 

To Download TW-0X-XX-F-D-XXX-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tw series (2,00 mm) .0787" tw?10?04?l?d?300?sm (2,00 mm) .0787" pitch available with optional pick & place pads available with optional alignment pins tw?20?07?t?d?550?sm tw?25?02?f?s?260?sm www.samtec.com sm plating option stacker height tw row option no. pins per row lead style mates with: clt, sqt, sqw, esqt, tle, smm, mms, tcsd 02 thru 36 specify lead style from chart below. other options ??xxx? = stacker height in inches (0,13 mm) .005" increments example: ?250 = (6,35 mm) .250" ??xxx? = polarized position ?a = alignment pin (metal or plastic at samtec discretion) (4,83 mm) .190" min. board space (?d only) ?p = pick & place pad (1,91 mm) .075" min. post height (04-36 only) ?tr = tape & reel packaging (?07 lead style not available) (?06 lead style with ?p option not available as a standard) (4,00) .1574 no. of positions x (2,00) .0787 (2,00) .0787 01 02 71 72 36 01 (2,00) .0787 (0,51) .020 sq (1,27) .050 typ (2,00) .0787 (0,00) .000 min (1,50) .059 (1,27) .050 a (5,33) .210 (1,09) .043 dia oal stacker height (4,32) .170 min lead style ?02 ?03 ?04 ?06 ?07 ?09 (7,85) .309 (11,86) .467 (12,37) .487 (15,37) .605 (17,35) .683 (9,86) .388 oal ?p option ?a option for complete speci cations and recommended pcb layouts see www.samtec.com?tw-sm insulator material: black liquid crystal polymer terminal material: phosphor bronze plating : sn or au over 50? (1,27 ?) ni current rating: 4.9 a per pin (1 pin powered per row) operating temp range: -55? to +105? with tin; -55? to +125? with gold rohs compliant: ye s processing: lead?free solderable: yes smt lead coplanarity: (0,15 mm) .006" max ?s = single row ?d = double row f-214 ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25 m) gold on post, matte tin on tail ?t = matte tin row option ?s ?d (5,08) .200 (6,35) .250 a specifications other solutions smt board stackers note: this series is non-standard, non-returnable. note: for added mechanical stability, samtec recommends mechanical board spacers be used in applications with gold or selective gold plated connectors. contact ipg@samtec.com for more information. for complete scope of recognitions see www.samtec.com/quality recognitions file no: 090871_0_000 also available (moq required) ?other platings ? end shrouds with or without guide post contact samtec. ?stacker height ranges and standard part numbers on double row. contact samtec free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of TW-0X-XX-F-D-XXX-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X